Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 140 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 140 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 136Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 137Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 138Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 139Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 140Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 141Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 142Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 143Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 144Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
140
Rev A6
04/15/2019
8.50 EXIT 4-BYTE ADDRESS MODE OPERATION (EX4B, 29h)
In order to be backward compatible, the Exit 4-byte Address Mode instruction allows 24bit address (A23-A0) to be
used to access the memory array up to 128Mb. The Bank Address Register must be used to access the memory
array beyond 128Mb. To execute EX4B operation, the host drives CE# low, sends the instruction code and then
drives CE# high.
Note: The EX4B instruction will reset the Bit 7 (EXTADD) of the volatile Bank
Address Register to “0” ”, but will not
change the non-volatile Bank Address Register.
Figure 8.114 Exit 4-byte Address Mode Sequence In SPI Mode
Instruction = 29h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.115 Exit 4-byte Address Mode Sequence In QPI Mode
29h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com