Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 145 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 145 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 141Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 142Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 143Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 144Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 145Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 146Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 147Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 148Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 149Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
145
Rev A6
04/15/2019
8.53 READ PPB OPERATION (RDPPB, FCh or 4RDPPB, E2h)
FCh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
FCh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
E2h is followed by a 4-byte address (A31-A0)
The instruction code is shifted into SI by the rising edges of the SCK signal, followed by the 24-bit or 32-bit address
selecting location zero within the desired sector/block as above. Then the 8-bit PPB Access Register contents are
shifted out on SO. The RDPPB/4RDPPB is supporting only SPI, not supporting QPI.
It is possible to read the same PPB Access Register continuously by providing multiples of eight bits. The address
of the PPB Access Register does not increment so this is not a means to read the entire PPB array. Each location
must be read with a separate Read PPB command. The maximum operating clock frequency for the Read PPB
command is the same with Fast Read Operation.
Note: The high order address bits not used by 256M/128M must be zero. Data must be either 00h (protected) or FFh
(unprotected).
Figure 8.124 Read PPB Sequence (FCh [EXTADD=0], 3-byte address)
Instruction = FCh
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
34
35
36
37
38
39
Mode 3
Mode 0
3-byte Address
tV
7
3
2
1
0
6
5
4
Figure 8.125 Read PPB Sequence (FCh [EXTADD=1] or E2h, 4-byte address)
Instruction = FCh/E2h
CE #
SCK
SI
SO
0
1
...
7
8
9
...
39
40
41
42
43
44
45
46
47
Mode 3
Mode 0
4-byte Address
tV
7
3
2
1
0
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com