Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 146 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 146 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 142Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 143Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 144Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 145Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 146Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 147Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 148Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 149Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 150Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
146
Rev A6
04/15/2019
8.54 PROGRAM PPB OPERATION (PGPPB, FDh or 4PGPPB, E3h)
Before the Program PPB (PGPPB/4PGPPB) command is sent, a Write Enable (WREN) command must be issued.
After the WREN command has been decoded, the device will set the Write Enable Latch (WEL) in the Status
Register.
FDh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
FDh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
E3h is followed by a 4-byte address (A31-A0)
The PGPPB/4PGPPB command is entered by driving CE# low, followed by the instruction code, followed by the
24-bit or 32-bit address selecting location zero within the desired sector/block as above.
The PGPPB/4PGPPB command affects the WIP bit in the same manner as any other programming operation. CE#
must be driven high after the last bit of address has been latched in. As soon as CE# is driven high, the
PGPPB/4PGPPB operation is initiated. While the PGPPB/4PGPPB operation is in progress, the Status Register or
Extended Read Register may be read to check the value of the Write In
Progress (WIP) bit. The WIP bit is “1”
during the PGPPB/4PGPPB
operation, and is “0” when it is completed. When the PGPPB/4PGPPB operation is
completed, the WEL is set to “0”.
Note: The high order address bits not used by 256M/128M must be zero. Data must be either 00h (protected) or FFh
(unprotected).
Figure 8.126 Program PPB Sequence In SPI Mode (FDh [EXTADD=0], 3-byte address)
Instruction = FDh
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
Mode 3
Mode 0
3-byte Address
High Impedence
Figure 8.127 Program PPB Sequence In SPI Mode (FDh [EXTADD=1] or E3h, 4-byte address)
Instruction = FDh/E3h
CE #
SCK
SI
SO
0
1
...
7
8
9
...
39
Mode 3
Mode 0
4-byte Address
High Impedence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com