Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 139 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 139 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 142Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 143Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 152 page
background image
Electrical Specifications
3.3 V DC Electrical Characteristics
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Electrical Specifications
139
17.7 3.3 V DC Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
ILoad = 10.0 µA
ILoad = –10.0 µA
VOL
VOH
—
VDD –0.1
—
—
0.1
—
V
Output High Voltage
(ILoad –0.2 mA) Port A, Port B, Port C, Port D
VOH
VDD –0.3
—
—
V
Output Low Voltage
(ILoad = 1.6 mA) Port A, Port B, Port C, Port D
VOL
—
—
0.3
V
Input High Voltage
Port A, Port B, Port C, Port D, IRQ, RESET, OSC1
VIH
0.7 x VDD
—VDD
V
Input Low Voltage
Port A, Port B, Port C, Port D, IRQ, RESET, OSC1
VIL
VSS
—
0.3 x VDD
V
EPROM Programming Voltage
VPP
14.5
—
15.5
V
Supply Current (see Notes)
Run
Wait
Stop
25
°C
0
°C to +70 °C
IDD
—
—
—
—
1.5
0.15
5
10
5
0.5
12
15
mA
mA
µA
µA
Supply Current (see Notes)
Run
Wait
Stop
25
°C
0
°C to +70 °C
IDD2
—
—
—
—
0.5
0.3
100
125
2
0.8
150
175
mA
mA
µA
µA
I/O Ports Hi-Z Leakage Current
Port A, Port B, Port D
IOZ
——
5
µA
Input Current
RESET, IRQ, OSC1
PC0–PC7 with Pullups Enabled
IIN
—
–20
—
–50
10
–125
µA
Capacitance
Ports (as Input or Output)
RESET, IRQ
COUT
CINT
—
—
—
—
12
8
pF
NOTES:
1. VDD = 3.3 Vdc ±10%, VSS = 0 Vdc, TA = 0 °C to +70 °C, unless otherwise noted
2. All values shown reflect average measurements.
3. Typical values at midpoint of voltage range, 25
°C only
4. Wait IDD and IDD2 : Only timer system active.
5. Run (operating) IDD, IDD2, Wait IDD, and IDD2: Measured using external square wave clock source (fOSC = 10.24 MHz); all inputs 0.2 V
from rail; no dc loads; less than 50 pF on all outputs; CL = 20 pF on OSC2
6. Wait, stop IDD: All ports configured as inputs, VIL = 0.2 V, VIH = VDD –0.2 V
7. Stop IDD and IDD2 are measured with OSC1 = VSS.
8. Wait IDD and IDD2 are affected linearly by the OSC2 capacitance.
9. Run, wait, and stop IDD2 are measured directly off the VDD2 power supply.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com