Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 24Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 25Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 26Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 152 page
background image
General Description
Signal Description
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
General Description
23
1.4.10 TCAP
This pin is used for the16-bit timer input capture operation. Depending
on the value of the IEDG bit in the timer control register (TCR), the
appropriate level of transition on TCAP will be monitored. When the
correct level of transition has occurred, the free-running counter will be
transferred to the input capture register.
1.4.11 FinT and FinR
These pins are inputs to the PLL transmit and the receive counters,
respectively. They typically are driven by the loop VCO and are also AC-
coupled. The minimum input signal level is 200 mV peak to peak
@ 60.0 MHz.
1.4.12 PDoutT and PDoutR
These PLL pins are 3-state outputs of the transmit and receive phase
detectors, respectively, for use as either loop error signals or phase
detector signals.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com