Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 69 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Synchronous Serial Interface (SSI)
69
General Release Specification — MC68HC705CT4
Section 9. Synchronous Serial Interface (SSI)
9.1 Contents
9.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .69
9.3
Signal Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .71
9.3.1
Serial Clock (SCK) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .71
9.3.2
Serial Data In/Out (SDIO) . . . . . . . . . . . . . . . . . . . . . . . . . .71
9.4
SSI Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .72
9.4.1
SSI Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .72
9.4.2
SSI Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75
9.4.3
SSI Data Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76
9.5
Operation During Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . .76
9.6
Operation During Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . .76
9.7
SSI Power Supply Source . . . . . . . . . . . . . . . . . . . . . . . . . . . .77
9.2 Introduction
The synchronous serial interface (SSI) is a 2-wire master/slave system
including serial clock (SCK) and serial data input/output (SDIO). Data is
transferred eight bits at a time. A software programmable option
determines whether the SSI transfers data most significant bit (MSB) or
least significant bit (LSB) first and an interrupt may be generated at the
completion of each transfer. When operating as a master device, the
serial clock speed is selectable from a choice of four rates.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com