| Electronic Components Datasheet Search |
|
HC705CT4GRS/D Datasheet(PDF) 73 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 73 Page - NXP Semiconductors |
|
73 / 152 page ![]() Synchronous Serial Interface (SSI) SSI Registers MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Synchronous Serial Interface (SSI) 73 being enabled. Always disable the SSI first, by clearing the SE bit, before altering these control bits within the SSI control register (SCR). SIE — SSI Interrupt Enable This bit determines whether an interrupt request should be generated when a transfer is complete. When set, an interrupt request is made if the CPU is in the run or wait mode of operation and status flag bit SF is set. When cleared, no interrupt requests are made by the SSI. SE — SSI Enable When set, this bit enables the SSI, makes PD5 the SCK pin, and makes PD4 the SDIO pin. When SE is cleared, any transmission in progress is aborted, the bit counter is reset, and pins SCK and SDIO revert to being PD5 and PD4. LSBF — Least Significant Bit (LSB)First When set, data is sent and received in a least significant bit (LSB) first format. When cleared, data is sent and received in a most significant bit (MSB) first format. MSTR — Master Mode When set, this bit configures the SSI to the master mode. This means that the transmission is initiated by a write to the data register and the SCK pin becomes an output providing a synchronous data clock at a rate determined by the SR bits. Address: $001E Bit 7 654321 Bit 0 Read: SIE SE LSBF MSTR CPOL T/R SR1 SR0 Write: Reset: 00001000 Figure 9-3. SSI Control Register (SCR) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |