Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 99 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 152 page
background image
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Comparators
99
General Release Specification — MC68HC705CT4
Section 13. Comparators
13.1 Contents
13.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .99
13.3
Comparator Control/Status Register. . . . . . . . . . . . . . . . . . . .101
13.4
Reading Comparator Outputs. . . . . . . . . . . . . . . . . . . . . . . . .103
13.5
Comparator During Wait Mode . . . . . . . . . . . . . . . . . . . . . . . .103
13.6
Comparator During Stop Mode. . . . . . . . . . . . . . . . . . . . . . . .103
13.7
Comparator Power Supply Source . . . . . . . . . . . . . . . . . . . . .103
13.2 Introduction
Port D shares its pins with CMP3+/PD0, CMP1–/PD1 and
CMP12+/PD2, CMP2–/PD3 of the comparators. The output of the
comparators is a status bit internal to the MCU. This circuitry is used for
the comparison of analog signals, with a digital output. The comparator
circuitry may be powered up by setting the CEN1, CEN2, and the CEN3
bits in the comparator control/status register. This register is located at
$0022 and is cleared by reset. The state of the comparator output bit
upon RESET is logic 0. For further electrical information see Section 17.
Electrical Specifications.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com