| Electronic Components Datasheet Search |
|
HC705CT4GRS/D Datasheet(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 51 Page - NXP Semiconductors |
|
51 / 152 page ![]() Operating Modes Bootloader Mode MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Operating Modes 51 6.4 Bootloader Mode Bootloader mode is entered upon the rising edge of RESET if the IRQ is at VTST and the PB1 pin is at logic one. The bootloader code resides in the ROM from $1F01 to $1FEF. This program handles copying of user code from an external EPROM into the on-chip EPROM. The bootload function does not have to be done from an external EPROM, but it may be done from a host. (See Section 15. EPROM.) 6.5 Low-Power Modes The following paragraphs describe the low-power modes. 6.5.1 Stop Mode The STOP instruction places the MCU in its lowest power-consumption mode. In stop mode, the internal oscillator is turned off, halting all internal processing, including timer operation. During stop mode, the CTCSR ($08) bits are altered to remove any pending timer interrupt request and to disable any further timer interrupts. The timer prescaler is cleared. The I bit in the CCR is cleared to enable external interrupts. All other registers and memory remain unaltered. All input/output lines remain unchanged. The processor can be brought out of stop mode only by an external interrupt or reset. 6.5.2 Stop Recovery The processor can be brought out of the stop mode only by an external interrupt or RESET. See Figure 6-2. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |