Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 88 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 152 page
background image
Dual Phase-Locked Loop (PLL)
General Release Specification
MC68HC705CT4 — Rev. 2.0
88
Dual Phase-Locked Loop (PLL)
MOTOROLA
TXON — TX Counter Enable
When set, this bit enables the PLL transmit counter.
When clear, it stops the counter in a reset state to save power. TXON
also shuts off the associated phase detector and holds it in three-
state. Initializing the transmit counter before it is enabled is
recommended.
REFON — Reference Counter Enable
When set, this bit enables the PLL reference counter.
When clear, REFON stops the reference counter in a reset state to
save power. Initializing the reference counter before it is enabled is
recommended.
RLOCK — Receive Lock Detect
This bit is read only and is not latched. When set, this bit is a real-time
indication of an active correction pulse from the phase detect in
progress. When clear, no correction is made and the output from the
phase detect is three-stated. Using multiple reads at known intervals
will allow the user to filter and judge a LOCK condition.
TLOCK — Transmit Lock Detect
This bit is read only and is not latched.When set, this bit is a real-time
indication of an active correction pulse from the phase detect in
progress. When clear, no correction is made and the output from the
phase detect is three-stated. Using multiple reads at known intervals
will allow the user to filter and judge a LOCK condition.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com