Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 95 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 152 page
background image
Pulse Width Modulator (PWM)
Functional Description
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Pulse Width Modulator (PWM)
95
12.3 Functional Description
A $00 in the PWM data register yields an off output (0%), but a $3F
yields a duty of 63/64 (98.4%).
When not in use, the PWM system can be shut off to save power by
clearing the PWME bit in MISCR.
Writes to the PWM data register can be performed at any time without
affecting the current PWM output signal. Updates on the PWM output
occur at the end of the PWM period (E x 64). At this time, the new value
is loaded into the PWM data register. If a write to the registers is
performed while the PWM is disabled, data is transferred directly to the
PWM register. A read of the data register reads the active count in
progress, not the buffered value.
After the PWM is enabled (PWM = 1) the PWM output remains low for
one E cycle. This allows synchronization and will not occur again until
the next time the PWM is enabled.
Figure 12-2. PWM Waveforms
10
3F
20
64 x E
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com