Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 94 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 152 page
background image
Pulse Width Modulator (PWM)
General Release Specification
MC68HC705CT4 — Rev. 2.0
94
Pulse Width Modulator (PWM)
MOTOROLA
12.2 Introduction
The pulse width modulator (PWM) system has one 6-bit channel to
enable the correct pulse output. The PWM has a fixed frequency of E/64,
where E is the internal bus frequency. For a PWM output frequency of
32 kHz, E must be 2.048 MHz. This corresponds to a 10.24-MHz crystal
with the divide-by-five crystal option.
Figure 12-1. PWM Block Diagram
BUFFER
MODULUS &
COMPARATOR
6-BIT COUNTER
PWM
PIN LOGIC
PC7/PWM
E
MISCELLANEOUS CONTROL REGISTER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com