Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 87 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 152 page
background image
Dual Phase-Locked Loop (PLL)
Registers
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Dual Phase-Locked Loop (PLL)
87
11.3 Registers
The PLL has one 12-bit programmable counter, two 16-bit
programmable counters, and one control register.
11.3.1 Dual Control Register
The PLLCR contains bits that affect the operation of the PLL.
PLS1 and PLS0 — PLL Reference Counter Select
These bits select between the PLL reference counter MUX outputs.
This output signal then drives the phase detectors.
RXON — RX Counter Enable
When set, this bit enables the PLL receive counter.
When clear, it stops the receive counter in a reset state to save power.
RXON also shuts off the associated phase detector and holds it in
three-state. Initializing the receive counter before it is enabled is
recommended.
Address:
$000A
Bit 7
654321
Bit 0
Read:
TLOCK
RLOCK
REFON
TXON
RXON
PLS1
PLS0
Write:
Reset:
00000000
= Unimplemented
Figure 11-2. Dual PLL Control Register
Table 11-1. PLL Reference Counter Select
PLS1 and PLS0
PLL Reference Counter Output
00
÷12-Bit Counter
01
÷4 After 12-Bit Counter
10
÷5 After 12-Bit Counter
11
÷25 After 12-Bit Counter
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com