Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 66 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 152 page
background image
16-Bit Timer
General Release Specification
MC68HC705CT4 — Rev. 2.0
66
16-Bit Timer
MOTOROLA
TOF — Timer Overflow Flag
1 = Flag set when free-running counter transition from $FFFF to
$0000 occurs
0 = Flag cleared when TSR and counter low register ($19) are
accessed
Reset clears this bit.
Bits 0–4 — Not Used
Always read zero.
Accessing the timer status register satisfies the first condition required
to clear status bits. The remaining step is to access the register
corresponding to the status bit.
A problem can occur when using the timer overflow function and reading
the free-running counter at random times to measure an elapsed time.
Without incorporating the proper precautions into software, the timer
overflow flag could unintentionally be cleared if:
•
The timer status register is read or written when TOF is set.
•
The MSB of the free-running counter is read but not for the
purpose of servicing the flag.
The counter alternate register at address $1A and $1B contains the
same value as the free-running counter at address $18 and $19; this
alternate register can be read at any time without affecting the timer
overflow flag in the timer status register.
8.8 Timer During Wait Mode
The CPU clock halts during wait mode, but the timer remains active if
turned on prior to entering wait mode. If interrupts are enabled, a timer
interrupt will cause the processor to exit wait mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com