| Electronic Components Datasheet Search |
|
HC705CT4GRS/D Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 152 page ![]() General Description General Release Specification MC68HC705CT4 — Rev. 2.0 16 General Description MOTOROLA 1.2 Introduction The MC68HC705CT4 is a 44-pin member of the M68HC05 Family that supports the cordless telephone applications. The memory map includes 5136 bytes of user EPROM, 240 bytes of boot ROM, and 256 bytes of RAM. The MCU has three 8-bit input/output (I/O) ports: A, B, C; and one 7-bit I/O, port D. Port C has pullup options and keyscan capability. The MC68HC705CT4 includes a bird core, a bird timer, a synchronous serial I/O (SSI), 16-bit timer, a dual 60-MHz phase-lock loop (PLL), and an on-chip computer operating properly (COP) watchdog circuit. Features of the MC68HC705CT4 include: • Low Cost • HC05 Core • 44-Pin Plastic Leaded Chip Carrier (PLCC) Package • 10.24-MHz On-Chip Crystal Oscillator • 2.048-MHz Internal CPU Speed • 5136 Bytes of User EPROM • 240 Bytes of Boot ROM • 256 Bytes of On-Chip RAM • 16-Bit Timer • 31 Bidirectional I/O Lines • Power-Saving Stop and Wait Modes • Core Timer • Dual 60-MHz PLL • Simple Serial with Bidirectional Data (SSI) • Keyscan Interrupt with Pullups on Port C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |