Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 60 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 152 page
background image
16-Bit Timer
General Release Specification
MC68HC705CT4 — Rev. 2.0
60
16-Bit Timer
MOTOROLA
8.3 Counter Register
The key element in the programmable timer is a 16-bit, free-running
counter or counter register, preceded by a prescaler that divides the
internal processor clock by four. The prescaler gives the timer a
resolution of 2.0 microseconds if the internal bus clock is 2.0 MHz. The
counter is incremented during the low portion of the internal bus clock.
Software can read the counter at any time without affecting its value.
The double-byte, free-running counter can be read from either of two
locations, $18–$19 (counter register) or $1A–$1B (counter alternate
register). If a read of the free-running counter or counter alternate
register is from the least significant byte (LSB) ($19, $1B), the LSB
receives the count value at the time of the read. If a read of the free-
running counter or counter alternate register first addresses the most
significant byte (MSB) ($18, $1A), the LSB ($19, $1B) is transferred to a
buffer. This buffer value remains fixed after the first MSB read, even if
the user reads the MSB several times. This buffer is accessed when
reading the free-running counter or counter alternate register LSB ($19
or $1B) and, thus, completes a read sequence of the total counter value.
In reading either the free-running counter or counter alternate register, if
the MSB is read, the LSB also must be read to complete the sequence.
The counter alternate register differs from the counter register in one
respect: a read of the counter register MSB can clear the timer overflow
flag (TOF). Therefore, the counter alternate register can be read at any
time without the possibility of missing timer overflow interrupts due to
clearing of the TOF.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com