Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 97 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 152 page
background image
Pulse Width Modulator (PWM)
PWM During Wait Mode
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Pulse Width Modulator (PWM)
97
12.5 PWM During Wait Mode
The PWM continues normal operation during wait mode. To decrease
power consumption during WAIT, it is recommended that the PWME bit
in the miscellaneous control register be cleared if the PWM D/A
converter is not being used.
12.6 PWM During Stop Mode
In stop mode, the oscillator is stopped, causing the PWM to cease
function. Any signal in process is halted in whatever phase the signal
happens to be in. Disabling the PWM before executing the STOP
instruction is recommended.
12.7 PWM During Reset
Upon reset the PWME bit is cleared. In effect, this disables the PWM
system and configures the PC7/PWM pin as a high impedance port C
input pin. The user should write to the data register prior to enabling the
PWM system (for instance, prior to setting PWME). This avoids an
erroneous duty cycle from being driven.
12.8 PWM Power Supply Source
The PWM is supplied by VDD and VSS, due to the noise generated by the
digital circuitry, since this module is not affected by supply noise.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com