Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 55 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 52Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 53Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 152 page
background image
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Parallel Input/Output (I/O)
55
General Release Specification — MC68HC705CT4
Section 7. Parallel Input/Output (I/O)
7.1 Contents
7.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55
7.3
Port A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55
7.4
Port B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56
7.5
Port C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56
7.6
Port D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57
7.7
Input/Output Port Pin Programming . . . . . . . . . . . . . . . . . . . . .57
7.2 Introduction
In user mode 31 lines are arranged as one 7-bit and three 8-bit ports.
Most of these port pins are programmable as either inputs or outputs
under software control of the data direction registers, though some are
input only.
NOTE:
To avoid a glitch on the output pins, write data to the I/O port data
register before writing a logic 1 to the corresponding data direction
register.
7.3 Port A
Port A is an 8-bit bidirectional port that does not share any of its pins with
other subsystems. The port A data register is at $0000 and the data
direction register (DDR) is at $0004. Reset does not affect the data
registers, but clears the data direction registers, thereby returning the
ports to inputs. Writing a logic 1 to a DDR bit sets the corresponding port
bit to output mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com