Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 59 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 152 page
background image
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
16-Bit Timer
59
General Release Specification — MC68HC705CT4
Section 8. 16-Bit Timer
8.1 Contents
8.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .59
8.3
Counter Register. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60
8.4
Output Compare Register. . . . . . . . . . . . . . . . . . . . . . . . . . . . .62
8.5
Input Capture Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .63
8.6
Timer Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64
8.7
Timer Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .65
8.8
Timer During Wait Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .66
8.9
Timer During Stop Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .67
8.10
Timer Power Supply Source . . . . . . . . . . . . . . . . . . . . . . . . . . .67
8.2 Introduction
The timer consists of a 16-bit, free-running counter driven by a fixed
divide-by-four prescaler. This timer can be used for many purposes,
including input waveform measurements, while simultaneously
generating an output waveform. Pulse widths can vary from several
microseconds to many seconds.
Because the timer has a 16-bit architecture, each specific functional
segment (capability) is represented by two registers. These registers
contain the high and low byte of that functional segment. Access of the
high byte inhibits that specific timer function until the low byte is also
accessed.
NOTE:
The I bit in the CCR should be set while manipulating both the high and
low byte registers of a specific timer function to ensure that an interrupt
does not occur.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com