Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 62 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 152 page
background image
16-Bit Timer
General Release Specification
MC68HC705CT4 — Rev. 2.0
62
16-Bit Timer
MOTOROLA
8.4 Output Compare Register
The 16-bit output compare register is made up of two 8-bit registers at
locations $16 (MSB) and $17 (LSB). The output compare register is
used for several purposes, such as indicating when a period of time has
elapsed. All bits are readable and writable and are not altered by the
timer hardware or reset. If the compare function is not needed, the two
bytes of the output compare register can be used as storage locations.
The output compare register contents are continually compared with the
contents of the free-running counter. If a match is found, the
corresponding output compare flag (OCF) bit is set and the
corresponding output level (OLVL) bit is clocked to an output level
register. The output compare register values and the output level bit
should be changed after each successful comparison to establish a new
elapsed time-out. An interrupt can also accompany a successful output
compare provided the corresponding interrupt enable bit (OCIE) is set.
After a processor write cycle to the output compare register containing
the MSB ($16), the output compare function is inhibited until the LSB
($17) is also written. The user must write both bytes (locations) if the
MSB is written first. A write made only to the LSB ($17) will not inhibit the
compare function. The free-running counter is updated every four
internal bus clock cycles. The minimum time required to update the
output compare register is a function of the program rather than the
internal hardware.
The processor can write to either byte of the output compare register
without affecting the other byte. The output level (OLVL) bit is clocked to
the output level register regardless of whether the output compare flag
(OCF) is set or clear.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com