| Electronic Components Datasheet Search |
|
HC705CT4GRS/D Datasheet(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 22 Page - NXP Semiconductors |
|
22 / 152 page ![]() General Description General Release Specification MC68HC705CT4 — Rev. 2.0 22 General Description MOTOROLA 1.4.5 Reset (RESET) This active-low pin is used to reset the MCU to a known startup state by pulling RESET low. The RESET pin contains an internal Schmitt trigger as part of its input to improve noise immunity. See Section 5. Resets. 1.4.6 Port A (PA0–PA7) These eight I/O lines comprise port A. The state of any pin is software programmable, and all port A lines are configured as input during power- on or reset. 1.4.7 Port B (PB0–PB7) These eight I/O lines comprise port B. The state of any pin is software programmable and all port B lines are configured as input during power- on or reset. 1.4.8 Port C (PC0–PC7/PWM) These eight I/O lines comprise port C. All port C lines are configured as input during power-on or reset. Port C has pullup devices and interrupt capability by pin; however, the state of any pin is determined by the user at the time of code submission. For a detailed description of I/O programming, refer to 7.7 Input/Output Port Pin Programming. PC7 is shared with the output of the pulse-width modulation (PWM) function. 1.4.9 Port D (PD0/CMP3+, PD1/CMP1–, PD2/CMP12+, PD3/CMP2–, PD4/SDIO, PD5/SCK, and PD6/TCMP) These seven port lines comprise port D. The state of any pin is software programmable and the lines are configured as input during power-on or reset. PD4 and PD5 are shared with the SSI subsystem, PD6 is shared with the 16-bit timer subsystem, and PD0–PD3 are shared with the comparators. For a detailed description on I/O programming, refer to 7.7 Input/Output Port Pin Programming. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |