Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 79 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Core Timer
79
General Release Specification — MC68HC705CT4
Section 10. Core Timer
10.1 Contents
10.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
10.3
Core Timer Control and Status Register. . . . . . . . . . . . . . . . . .81
10.4
Core Timer Counter Register . . . . . . . . . . . . . . . . . . . . . . . . . .83
10.5
Computer Operating Properly (COP) Reset . . . . . . . . . . . . . . .84
10.6
Timer During Wait Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .84
10.7
Core Timer Power Supply Source . . . . . . . . . . . . . . . . . . . . . .84
10.2 Introduction
The core timer for this device is a 12-stage multifunctional ripple counter.
Features include timer overflow, power-on reset (POR), real-time
interrupt (RTI), and COP watchdog timer.
As seen in Figure 10-1, the internal peripheral clock is divided by four,
and then drives an 8-bit ripple counter. The value of this 8-bit ripple
counter can be read by the CPU at any time by accessing the core timer
counter register (CTCR) at address $09. A timer overflow function is
implemented on the last stage of this counter, giving a possible interrupt
rate of the internal peripheral clock(E)/1024. This point is then followed
by three more stages, with the resulting clock (E/16384) driving the real-
time interrupt circuit (RTI). The RTI circuit consists of three divider
stages with a one-of-four selector. The output of the RTI circuit is further
divided by eight to drive the mask optional COP watchdog timer circuit.
The RTI rate selector bits and the RTI and CTOF enable bits and flags
are located in the timer control and status register at location $08.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com