Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 76 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
Synchronous Serial Interface (SSI)
General Release Specification
MC68HC705CT4 — Rev. 2.0
76
Synchronous Serial Interface (SSI)
MOTOROLA
9.4.3 SSI Data Register
This register is located at address $001D and is both the transmit and
receive data register. This system is not double buffered, but any writes
to this register during transfers are masked and will not destroy the
previous contents. The SDR can be read at any time, but, if a transfer is
in progress the results may be ambiguous. The contents of this register
could be altered whenever the CPOL bit is altered. This register should
be written to only upon completion of a transfer, after the SF flag has
been cleared. Otherwise, the new data will not be stored.
For an SSI configured as a master, to initiate a transfer, the data register
write must occur after the SSI is enabled.
9.5 Operation During Wait Mode
The CPU clock halts during wait mode, but the SSI remains active. If
interrupts are enabled, an SSI interrupt will cause the processor to exit
wait mode.
9.6 Operation During Stop Mode
In stop mode, the SSI halts operation. The SDIO and SCK pins will
maintain their states.
If the SSI is nearing completion of a transfer when the stop mode is
entered, it might be possible for the SSI to generate an interrupt request
and thus cause the processor immediately to exit stop mode. To prevent
Address:
$001D
Bit 7
654321
Bit 0
Read:
Write:
Reset:
UUUUUUUU
Figure 9-5. SSI Data Register (SDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com