Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 82 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 152 page
background image
Core Timer
General Release Specification
MC68HC705CT4 — Rev. 2.0
82
Core Timer
MOTOROLA
TOFC — Timer Overflow Flag Clear
When a logic 1 is written to this bit, CTOF is cleared. Writing a logic 0
has no effect on the CTOF bit. This bit always reads as zero.
RTFC — Real-Time Interrupt Flag Clear
When a logic 1 is written to this bit, RTIF is cleared. Writing a logic 0
has no effect on the RTIF bit. This bit always reads as zero.
RT1 and RT0 — Real-Time Interrupt Rate Select
These two bits select one of four taps from the real-time interrupt
circuit. See Table 10-2. Reset sets these two bits, which selects the
slowest periodic rate and gives the maximum time in which to alter
these bits if necessary. Care should be taken when altering RT0 and
RT1 if the timeout period is imminent or uncertain. If the selected tap
is modified during a cycle in which the counter is switching, an RTIF
could be missed or an additional one could be generated. To avoid
problems, the COP should be cleared before changing RTI taps.
Table 10-1.
Table 10-2RTI and COP Rates at 2.048 MHz
RTI Rate
2.048 MHz
RT1
and RT0
Minimum COP Rates
2.048 MHz
8 ms
214/E
00
(217–214)/E
56 ms
16 ms
215/E
01
(218–215)/E
112 ms
32 ms
216/E
10
(219–216)/E
224 ms
64 ms
217/E
11
(220–217)/E
448 ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com