Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 71 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 152 page
background image
Synchronous Serial Interface (SSI)
Signal Format
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Synchronous Serial Interface (SSI)
71
9.3 Signal Format
The SSI is comprised of two main input/output (I/O) signals that interface
with port D serial clock and serial data.
9.3.1 Serial Clock (SCK)
When SE = 0, this pin is a port D bit 5 pin, which follows the port D DDR
assignment.
In master mode (MSTR = 1), the serial clock (SCK) pin is an output with
four selectable frequencies. This pin will be high (CPOL = 1) or low
(CPOL = 0) between transmissions.
In slave mode (MSTR = 0), the SCK pin is an input and the clock must
be supplied by an external master with a maximum frequency of f
OP/2.
There is no minimum SCK frequency. This pin should be driven high
(CPOL = 1) or low (CPOL = 0) between transmissions by the external
master and must be stable before the SSI is first enabled (SE = 1).
Data is always captured at the serial data in/out (SDIO) pin on the rising
edge of SCK.
Data is always shifted out and presented at the serial data in/out (SDIO)
pin on the falling edge of SCK.
9.3.2 Serial Data In/Out (SDIO)
Prior to enabling the SSI (SE = 0), the serial data in/out (SDIO) pin is a
port D bit 4 pin, which follows the port D DDR assignment. When the SSI
is enabled (SE = 1) the SDIO pin becomes a high-impedance input pin
if the T/R bit is low or it idles high if the T/R bit is high.
The data can be sent or received in either MSB first format (LSBF = 0)
or LSB first format (LSBF = 1).
If (CPOL = 1), the first falling edge of SCK will shift the first data bit out
to the SDIO pin. Subsequent falling edges of SCK will shift the remaining
data bits out.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com