Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 77 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 152 page
background image
Synchronous Serial Interface (SSI)
SSI Power Supply Source
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Synchronous Serial Interface (SSI)
77
this occurrence, the programmer should ensure that all transfers are
complete before entering the stop mode.
If the SSI is configured to slave mode, further care should be taken in
entering stop mode. The SCK pin will still accept a clock from an external
master, allowing potentially unwanted transfers to take place and power
consumption to be increased. The SSI will not generate interrupt
requests in this situation but, on exiting stop mode through some other
means, the SF flag may be found to be set and an interrupt request will
be generated if SIE is also set at this point.
To avoid these potential problems, it is safer to disable the SSI
completely (SE = 0) before entering stop mode.
The synchronous serial interface (SSI) is a 2-wire master/slave system
including serial clock (SCK) and serial data input/output (SDIO). When
operating as a master device, the serial clock speed is selectable
between four rates.
9.7 SSI Power Supply Source
The power supplied to the SSI is VDD and VSS, thus keeping the VDD2
and VSS2 free for the noise susceptible modules.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com