Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 65 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 152 page
background image
16-Bit Timer
Timer Status Register
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
16-Bit Timer
65
OLVL — Output Level
Value of output level is clocked into the output level register by the
next successful output compare and will appear on the TCMP pin.
1 = High output
0 = Low output
8.7 Timer Status Register
The TSR is a read-only register containing three status flag bits.
ICF — Input Capture Flag
1 = Flag set when selected polarity edge is sensed by input capture
edge detector
0 = Flag cleared when TSR and input capture low register ($15) are
accessed
Reset clears this bit.
OCF — Output Compare Flag
1 = Flag set when output compare register contents match the free-
running counter contents
0 = Flag cleared when TSR and output compare low register ($17)
are accessed
Reset clears this bit.
Address:
$0013
Bit 7
654321
Bit 0
Read:
ICF
OCF
TOF
00000
Write:
Reset:
00000000
= Unimplemented
Figure 8-3. Timer Status Register (TSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com