Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 33 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 29Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 30Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 31Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 32Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 33Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 34Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 35Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 36Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 152 page
background image
Central Processing Unit
Condition Code Register
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Central Processing Unit
33
3.5 Condition Code Register
The condition code register (CCR) is a 5-bit register in which the H, N,
Z, and C bits are used to indicate the results of the instruction just
executed, and the I bit is used to enable interrupts. These bits can be
tested individually by a program, and specific actions can be taken as a
result of their state. Each bit is explained in the following paragraphs.
Half Carry (H)
This bit is set during ADD and ADC operations to indicate that a carry
occurred between bits 3 and 4.
Interrupt (I)
When this bit is set, the timer and external interrupt are masked
(disabled). If an interrupt occurs while this bit is set, the interrupt is
latched and processed as soon as the I bit is cleared.
Negative (N)
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was negative.
Zero (Z)
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was zero.
Carry/Borrow (C)
When set, this bit indicates that a carry or borrow out of the arithmetic
logical unit (ALU) occurred during the last arithmetic operation. This
bit also is affected during bit test and branch instructions and during
shifts and rotates.
HI
N
Z
C
CCR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com