Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705CT4GRS/D Datasheet(PDF) 150 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 150 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 144Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 145Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 146Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 147Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 148Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 149Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 150Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 151Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 152Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 150 / 152 page
background image
Ordering Information
General Release Specification
MC68HC705CT4 — Rev. 2.0
150
Ordering Information
MOTOROLA
19.6 ROM Verification Units (RVUs)
After receiving the signed listing verify form, Motorola manufactures a
custom photographic mask. The mask contains the customer’s
application program and is used to process silicon wafers. The
application program cannot be changed after the manufacture of the
mask begins. Motorola then produces 10 MCUs, called RVUs, and
sends the RVUs to the customer. RVUs are usually packaged in
unmarked ceramic and tested to 5 Vdc at room temperature. RVUs are
not tested to environmental extremes because their sole purpose is to
demonstrate that the customer’s user ROM pattern was properly
implemented. The 10 RVUs are free of charge with the minimum order
quantity. These units are not to be used for qualification or production.
RVUs are not guaranteed by Motorola Quality Assurance.
19.7 MC Order Numbers
Table 19-1 shows the MC order numbers for the available package
types.
Table 19-1. MC Order Numbers
MC Order Number
Operating
Temperature Range
MC68HC705CT4FN
0
°C to 70 °C
MC68HC705CT4FB
0
°C to 70 °C
NOTE: FN = 44-Lead Plastic-Leaded Chip Carrier
FB = 44-Lead Quad Flat Pack
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com