Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 120 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 120 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 116Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 117Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 118Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 119Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 120Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 121Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 122Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 123Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 124Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 377 page
background image
SETB
<bit>
Function:
Set bit
Description:
SETB sets the indicated bit to one. SETB can operate on the carry flag or any directly
addressable bit. No other flags are affected
Example:
The carry flag is cleared. Output Port 1 has been written with the value 34H (00110100B).
The instructions,
SETB
C
SETB
P1.0
will leave the carry flag set to 1 and change the data output on Port 1 to 35H (00110101B).
SETB
C
Bytes:
1
Cycles:
1
Encoding:
1 1 0 1
0 0 1 1
Operation:
SETB
(C) ← 1
← 11
SETB
bit
Bytes:
2
Cycles:
1
Encoding:
1 1 0
1
0 0 1 0
bit address
Operation:
SETB
(bit) ← 1
← 11
SJMP rel
Function:
Short Jump
Description:
Program control branches unconditionally to the address indicated. The branch destination is
computed by adding the signed displacement in the second instruction byte to the PC, after
incrementing the PC twice. Therefore, the range of destinations allowed is from 128bytes
preceding this instruction to 127 bytes following it.
Example:
The label “RELADR” is assigned to an instruction at program memory location 0123H. The
instruction,
SJMP
RELADR
will assemble into location 0100H. After the instruction is executed, the PC will contain the
value 0123H.
(Note: Under the above conditions the instruction following SJMP will be at 102H.Therefore,
the displacement byte of the instruction will be the relative offset (0123H - 0102H) = 21H.
Put another way, an SJMP with a displacement of 0FEH would be an one-instruction infinite
loop).
Bytes:
2
Cycles:
2
Encoding:
1 0 0 0
0 0 0 0
rel. address
Operation:
SJMP
(
PC) ← (PC)+2
← (PC)+2
(PC)+2
(PC) ← (PC)+rel
← (PC)+rel
(PC)+rel
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com