| Electronic Components Datasheet Search |
|
STC12LE5616AD Datasheet(PDF) 116 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC12LE5616AD Datasheet(HTML) 116 Page - STCmicro Technology Co,.Ltd |
|
116 / 377 page ![]() ORL C, <src-bit> Function: Logical-OR for bit variables Description: Set the carry flag if the Boolean value is a logical 1; leave the carry in its current state otherwise. A slash (“ / ”) preceding the operand in the assembly language indicates that the logical complement of the addressed bit is used as the source value, but the source bit itself is not affected. No other flags are affected. Example: Set the carry flag if and only if P1.0 = 1, ACC. 7 = 1, or OV = 0: MOV C, P1.0 ;LOAD CARRY WITH INPUT PIN P10 ORL C, ACC.7 ;OR CARRY WITH THE ACC.BIT 7 ORL C, /OV ;OR CARRY WITH THE INVERSE OF OV ORL C, bit Bytes: 2 Cycles: 2 Encoding: 0 1 1 1 0 0 1 0 bit address Operation: ORL (C) ← (C) ← (C) (C) (bit) ORL C, /bit Bytes: 2 Cycles: 2 Encoding: 1 0 1 0 0 0 0 0 bit address Operation: ORL (C) ← (C) ← (C) (C) (bit) POP direct Function: Pop from stack Description: The contents of the internal RAM location addressed by the Stack Pointer is read, and the Stack Pointer is decremented by one. The value read is then transferred to the directly addressed byte indicated. No flags are affected. Example: The Stack Pointer originally contains the value 32H, and internal RAM locations 30H through 32H contain the values 20H, 23H, and 01H, respectively. The instruction sequence, POP DPH POP DPL will leave the Stack Pointer equal to the value 30H and the Data Pointer set to 0123H. At this point the instruction, POP SP will leave the Stack Pointer set to 20H. Note that in this special case the Stack Pointer was decremented to 2FH before being loaded with the value popped (20H). Bytes: 2 Cycles: 2 Encoding: 1 1 0 1 0 0 0 0 direct address Operation: POP (diect) ← ((SP)) ((SP)) (SP) ← (SP)-1 ← (SP)-1 (SP) - 1 116 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |