Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 112 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 112 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 108Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 109Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 110Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 111Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 112Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 113Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 114Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 115Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 116Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 377 page
background image
MOVC A,@A+PC
Bytes:
1
Cycles:
2
Encoding:
1 0 0 0
0 0 1 1
Operation:
MOVC
(PC) ← (PC)+1
← (PC)+1
(A) ← ((A)+(PC))
← ((A)+(PC))
((A)+(PC))
MOVX
<dest-byte> , <src-byte>
Function:
Move External
Description:
The MOVX instructions transfer data between the Accumulator and a byte of external data
memory, hence the “X” appended to MOV. There are two types of instructions, differing in
whether they provide an eight-bit or sixteen-bit indirect address to the external data RAM.
In the first type, the contents of R0 or R1 in the current register bank provide an eight-bit
address multiplexed with data on P0. Eight bits are sufficient for external I/O expansion
decoding or for a relatively small RAM array. For somewhat larger arrays, any output port
pins can be used to output higher-order address bits. These pins would be controlled by an
output instruction preceding the MOVX.
In the second type of MOVX instruction, the Data Pointer generates a sixteen-bit address.
P2 outputs the high-order eight address bits (the contents of DPH) while P0 multiplexes the
low-order eight bits (DPL) with data. The P2 Special Function Register retains its previous
contents while the P2 output buffers are emitting the contents of DPH. This form is faster and
more efficient when accessing very large data arrays (up to 64K bytes), since no additional
instructions are needed to set up the output ports.
It is possible in some situations to mix the two MOVX types. A large RAM array with its
high-order address lines driven by P2 can be addressed via the Data Pointer, or with code to
output high-order address bits to P2 followed by a MOVX instruction using R0 or R1.
Example:
An external 256 byte RAM using multiplexed address/data lines (e.g., an Intel 8155 RAM/
I/O/Timer) is connected to the 8051 Port 0. Port 3 provides control lines for the external
RAM. Ports 1 and 2 are used for normal I/O. Registers 0 and 1 contain 12H and 34H.
Location 34H of the external RAM holds the value 56H. The instruction sequence,
MOVX
A, @R1
MOVX
@R0, A
copies the value 56H into both the Accumulator and external RAM location 12H.
MOVX A,@Ri
Bytes:
1
Cycles:
2
Encoding:
1 1 1 0
0 0 1 i
Operation:
MOVX
(A) ← ((Ri))
← ((Ri))
((Ri))
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com