Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 110 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 110 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 106Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 107Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 108Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 109Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 110Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 111Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 112Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 113Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 114Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 377 page
background image
MOV
@Ri, direct
Bytes:
2
Cycles:
2
Encoding:
1 0 1 0
0 1 1 i
direct addr.
Operation:
MOV
((Ri)) ← (direct)
← (direct)
(direct)
MOV
@Ri, #data
Bytes:
2
Cycles:
1
Encoding:
0 1 1 1
0 1 1 i
immediate data
Operation:
MOV
((Ri)) ← #data
← #data
#data
MOV
<dest-bit> , <src-bit>
Function:
Move bit data
Description:
The Boolean variable indicated by the second operand is copied into the location specified by
the first operand. One of the operands must be the carry flag; the other may be any directly
addressable bit. No other register or flag is affected.
Example:
The carry flag is originally set. The data present at input Port 3 is 11000101B. The data
previously written to output Port 1 is 35H (00110101B).
MOV
P1.3, C
MOV
C, P3.3
MOV
P1.2, C
will leave the carry cleared and change Port 1 to 39H (00111001B).
MOV C,bit
Bytes:
2
Cycles:
1
Encoding:
1 0 1
0
0 0 1 1
bit address
Operation:
MOV
(C) ← (bit)
← (bit)
(bit)
MOV bit,C
Bytes:
2
Cycles:
2
Encoding:
1 0 0
1
0 0 1 0
bit address
Operation:
MOV
(bit)← (C)
← (C)
(C)
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com