Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 106 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 106 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 102Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 103Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 104Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 105Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 106Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 107Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 108Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 109Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 110Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 377 page
background image
STC
MCU
Limited.
JZ
rel
Function:
Jump if Accumulator Zero
Description:
If all bits of the Accumulator are zero, branch to the address indicated; otherwise proceed
with the next instruction. The branch destination is computed by adding the signed relative-
displacement in the second instruction byte to the PC, after incrementing the PC twice. The
Accumulator is not modified. No flags are affected.
Example:
The Accumulator originally contains 01H. The instruction sequence,
JZ
LABEL1
DEC
A
JZ
LAEEL2
will change the Accumulator to 00H and cause program execution to continue at the
instruction identified by the label LABEL2.
Bytes:
2
Cycles:
2
Encoding:
0 1 1 0
0 0 0 0
rel. address
Operation:
JZ
(PC) ← (PC)+ 2
← (PC)+ 2
(PC)+ 2
IF (A) = 0
THEN
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
LCALL addr16
Function:
Long call
Description:
LCALL calls a subroutine loated at the indicated address. The instruction adds three to the
program counter to generate the address of the next instruction and then pushes the 16-bit
result onto the stack (low byte first), incrementing the Stack Pointer by two. The high-order
and low-order bytes of the PC are then loaded, respectively, with the second and third bytes
of the LCALL instruction. Program execution continues with the instruction at this address.
The subroutine may therefore begin anywhere in the full 64K-byte program memory address
space. No flags are affected.
Example:
Initially the Stack Pointer equals 07H. The label “SUBRTN” is assigned to program memory
location 1234H. After executing the instruction,
LCALL SUBRTN
at location 0123H, the Stack Pointer will contain 09H, internal RAM locations 08H and 09H
will contain 26H and 01H, and the PC will contain 1234H.
Bytes:
3
Cycles:
2
Encoding:
0 0 0 1
0 0 1 0
addr15-addr8
addr7-addr0
Operation:
LCALL
(PC) ← (PC) + 3
← (PC) + 3
(PC) + 3
(SP) ← (SP)+1
← (SP)+1
(SP) + 1
((SP)) ← (PC
← (PC
(PC
7-0)
(SP) ← (SP)+1
← (SP)+1
(SP) + 1
((SP)) ← (PC
← (PC
(PC
15-8)
(PC) ← addr
← addr
addr
15-0
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com