Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 103 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 103 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 99Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 100Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 101Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 102Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 103Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 104Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 105Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 106Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 107Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 377 page
background image
JBC
bit, rel
Function:
Jump if Bit is set and Clear bit
Description:
If the indicated bit is one,branch to the address indicated;otherwise proceed with the next
instruction.The bit wili not be cleared if it is already a zero. The branch destination is
computed by adding the signed relative-displacement in the third instruction byte to the PC,
after incrementing the PC to the first byte of the next instruction. No flags are affected.
Note: When this instruction is used to test an output pin, the value used as the original data
will be read from the output data latch, not the input pin.
Example:
The Accumulator holds 56H (01010110B). The instruction sequence,
JBC
ACC.3, LABEL1
JBC
ACC.2, LABEL2
will cause program execution to continue at the instruction identified by the label LABEL2,
with the Accumulator modified to 52H (01010010B).
Bytes:
3
Cycles:
2
Encoding:
0 0 0 1
0 0 0 0
bit address
rel. address
Operation:
JBC
(PC) ← (PC)+ 3
← (PC)+ 3
(PC)+ 3
IF (bit) = 1
THEN
(bit) ← 0
← 0
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
JC
rel
Function:
Jump if Carry is set
Description:
If the carry flag is set, branch to the address indicated; otherwise proceed with the next
instruction. The branch destination is computed by adding the signed relative-displacement in
the second instruction byte to the PC, after incrementing the PC twice.No flags are affected.
Example:
The carry flag is cleared. The instruction sequence,
JC
LABEL1
CPL
C
JC
LABEL2s
will set the carry and cause program execution to continue at the instruction identified by the
label LABEL2.
Bytes:
2
Cycles:
2
Encoding:
0 1 0 0
0 0 0 0
rel. address
Operation:
JC
(PC) ← (PC)+ 2
← (PC)+ 2
(PC)+ 2
IF (C) = 1
THEN
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com