Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 102 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 102 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 98Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 99Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 100Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 101Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 102Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 103Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 104Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 105Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 106Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 377 page
background image
INC
@Ri
Bytes:
1
Cycles:
1
Encoding:
0 0 0 0
0 1 1 i
Operation:
INC
((Ri))←((Ri)) + 1
←((Ri)) + 1
((Ri)) + 1
INC
DPTR
Function:
Increment Data Pointer
Description:
Increment the 16-bit data pointer by 1. A 16-bit increment (modulo 216) is performed; an
overflow of the low-order byte of the data pointer (DPL) from 0FFH to 00H will increment
the high-order-byte (DPH). No flags are affected.
This is the only 16-bit register which can be incremented.
Example:
Register DPH and DPL contains 12H and 0FEH,respectively. The instruction sequence,
INC DPTR
INC DPTR
INC DPTR
will change DPH and DPL to 13H and 01H.
Bytes:
1
Cycles:
2
Encoding:
1 0 1 0
0 0 1 1
Operation:
INC
(DPTR) ← (DPTR)+1
← (DPTR)+1
JB
bit, rel
Function:
Jump if Bit set
Description:
If the indicated bit is a one, jump to the address indicated; otherwise proceed with the next
instruction. The branch destination is computed by adding the signed relative-displacement
in the third instruction byte to the PC, after incrementing the PC to the first byte of the next
instruction. The bit tested is not modified. No flags are affected.
Example:
The data present at input port 1 is 11001010B. The Accumulator holds 56 (01010110B). The
instruction sequence,
JB
P1.2, LABEL1
JB
ACC.2, LABEL2
will cause program execution to branch to the instruction at label LABEL2.
Bytes:
3
Cycles:
2
Encoding:
0 0 1 0
0 0 0 0
bit address
rel. address
Operation:
JB
(PC) ← (PC)+ 3
← (PC)+ 3
(PC)+ 3
IF (bit) = 1
THEN
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com