Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 114 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 114 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 110Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 111Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 112Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 113Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 114Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 115Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 116Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 117Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 118Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 377 page
background image
NOP
Function:
No Operation
Description:
Execution continues at the following instruction. Other than the PC, no registers or flags are
affected.
Example:
It is desired to produce a low-going output pulse on bit 7 of Port 2 lasting exactly 5 cycles. A
simple SETB/CLR sequence would generate a one-cycle pulse, so four additional cycles
must be inserted. This may be done (assuming no interrupts are enabled) with the instruction
sequence.
CLR
P2.7
NOP
NOP
NOP
NOP
SETB
P2.7
Bytes:
1
Cycles:
1
Encoding:
0 0 0
0
0 0 0 0
Operation:
NOP
(PC) ← (PC)+1
(PC)+1
ORL <dest-byte> , <src-byte>
Function:
Logical-OR for byte variables
Description:
ORL performs the bitwise logical-OR operation between the indicated variables, storing the
results in the destination byte. No flags are affected.
The two operands allow six addressing mode combinations. When the destination is the
Accumulator, the source can use register, direct, register-indirect, or immediate addressing;
when the destination is a direct address, the source can be the Accumulator or immediate
data.
Note: When this instruction is used to modify an output port, the value used as the original
port data will be read from the output data latch, not the input pins.
Example:
If the Accumulator holds 0C3H (11000011B) and R0 holds 55H (01010101B) then the
instruction,
ORL
A, R0
will leave the Accumulator holding the value 0D7H (11010111B).
When the destination is a directly addressed byte, the instruction can set combinations of bits
in any RAM location or hardware register. The pattern of bits to be set is determined by a
mask byte, which may be either a constant data value in the instruction or a variable
computed in the Accumulator at run-time.The instruction,
ORL
P1, #00110010B
will set bits 5,4, and 1of output Port 1.
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com