| Electronic Components Datasheet Search |
|
S75WS256NDFBAWMB Datasheet(PDF) 159 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB Datasheet(HTML) 159 Page - SPANSION |
|
159 / 216 page ![]() February 17, 2005 S75WS-N-00_A0 S75WS256Nxx Based MCPs 157 Advance Information 31 Configuration Registers Two user-accessible configuration registers define the device operation. The bus configuration register (BCR) defines how the CellularRAM interacts with the system memory bus and is nearly identical to its counterpart on burst mode Flash devices. The refresh configuration register (RCR) is used to control how refresh is performed on the DRAM array. These registers are automatically loaded with default settings during power-up, and can be updated any time the devices are op- erating in a standby state. 31.1 Access Using CRE The configuration registers can be written to using either a synchronous or an asynchronous op- eration when the configuration register enable (CRE) input is High (see Figure 31.1 and Figure 31.2). When CRE is Low, a Read or Write operation will access the memory array. The reg- ister values are written via address pins A[21:0]. In an asynchronous Write, the values are latched into the configuration register on the rising edge of ADV#, CE#, or WE#, whichever oc- curs first; LB# and UB# are Don’t Care. The BCR is accessed when A[19] is High; the RCR is accessed when A[19] is Low. For Reads, address inputs other than A[19] are Don’t Care, and reg- ister bits 15:0 are output on DQ[15:0]. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |