Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 155 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 155 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 151Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 152Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 153Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 154Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 155Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 156Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 157Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 158Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 159Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
153
Advance
Information
29.4 Mixed-Mode Operation
The device can support a combination of synchronous Read and asynchronous Write operations
when the BCR is configured for synchronous operation. The asynchronous Write operation re-
quires that the clock (CLK) remain static (High or Low) during the entire sequence. The ADV#
signal can be used to latch the target address, or it can remain Low during the entire Write oper-
ation. CE# can remain Low when transitioning between mixed-mode operations with fixed latency
enabled. Note that the tCKA period is the same as a Read or Write cycle. This time is required to
ensure adequate refresh. Mixed-mode operation facilitates a seamless interface to legacy burst
mode Flash memory controllers. See Figure 34.18, Asynchronous Write Followed by Burst Read
(timing diagram).
29.5 Wait Operation
The Wait output on a CellularRAM device is typically connected to a shared, system-level Wait sig-
nal (Figure 29.6). The shared Wait signal is used by the processor to coordinate transactions with
multiple memories on the synchronous bus.
Once a Read or Write operation has been initiated, Wait goes active to indicate that the Cellular-
RAM device requires additional time before data can be transferred. For Read operations, Wait will
remain active until valid data is output from the device. For Write operations, Wait will indicate to
the memory controller when data will be accepted into the CellularRAM device. When Wait tran-
sitions to an inactive state, the data burst will progress on successive clock edges.
CE# must remain asserted during Wait cycles (Wait asserted and Wait configuration BCR[8] = 1).
Bringing CE# High during Wait cycles may cause data corruption. (Note that for BCR[8] = 0, the
actual Wait cycles end one cycle after Wait de-asserts, and for row boundary crossings, start one
cycle after the Wait signal asserts.)
When using variable initial access latency (BCR[14] = 0), the Wait output performs an arbitration
role for Read or Write operations launched while an on-chip refresh is in progress. If a collision
occurs, the Wait pin is asserted for additional clock cycles until the refresh has completed
(Figure 29.7 and Figure 29.8). When the refresh operation has completed, the Read or Write op-
eration will continue normally.
Wait is also asserted when a continuous Read or Write burst crosses the boundary between 128-
word rows. The Wait assertion allows time for the new row to be accessed, and permits any pend-
ing refresh operations to be performed.
Wait will be asserted but should be ignored during asynchronous Read and Write, and page Read
operations.
29.6 LB#/UB# Operation
The LB# enable and UB# enable signals support byte-wide data transfers. During Read opera-
tions, the enabled byte(s) are driven onto the DQs. The DQs associated with a disabled byte are
put into a High-Z state during a Read operation. During Write operations, any disabled bytes will
Figure 29.6 Wired or Wait Configuration
CellularRAM
External
Pull-Up/
Pull-Down
Resistor
Processor
READY
Other
Device
WAIT
Other
Device
WAIT
WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com