Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 152 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 152 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 148Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 149Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 150Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 151Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 152Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 153Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 154Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 155Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 156Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 216 page
background image
150
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
29.2 Page Mode Read Operation
Page mode is a performance-enhancing extension to the legacy asynchronous Read operation. In
page mode-capable products, an initial asynchronous Read access is performed, then adjacent
addresses can be Read quickly by simply changing the low-order address. Addresses A[3:0] are
used to determine the members of the 16-address CellularRAM page. Addresses A[4] and higher
must remain fixed during the entire page mode access. Figure 29.3 shows the timing for a page
mode access. Page mode takes advantage of the fact that adjacent addresses can be Read in a
shorter period of time than random addresses. Write operations do not include comparable page
mode functionality.
During asynchronous page mode operation, the CLK input must be held Low. CE# must be driven
High upon completion of a page mode access. Wait will be driven while the device is enabled and
its state should be ignored. Page mode is enabled by setting RCR[7] to High. Write operations do
not include comparable page mode functionality. ADV must be driven Low during all page mode
Read accesses.
Figure 29.2 Write Operation (ADV# Low)
Data Valid
Address Valid
tWC = WRITE Cycle Time
CE#
OE#
WE#
ADDRESS
DATA
LB#/UB#
Don't Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com