| Electronic Components Datasheet Search |
|
S75WS256NDFBAWMB Datasheet(PDF) 151 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB Datasheet(HTML) 151 Page - SPANSION |
|
151 / 216 page ![]() February 17, 2005 S75WS-N-00_A0 S75WS256Nxx Based MCPs 149 Advance Information 29 Bus Operating Modes CellularRAM products incorporate a burst mode interface found on Flash products targeting low- power, wireless applications. This bus interface supports asynchronous, page mode, and burst mode Read and Write transfers. The specific interface supported is defined by the value loaded into the BCR. Page mode is controlled by the refresh configuration register (RCR[7]). 29.1 Asynchronous Mode CellularRAM products power up in the asynchronous operating mode. This mode uses the industry standard SRAM control bus (CE#, OE#, WE#, LB#/ UB#). Read operations (Figure 29.1) are ini- tiated by bringing CE#, OE#, and LB#/UB# Low while keeping WE# High. Valid data will be driven out of the I/Os after the specified access time has elapsed. Write operations (Figure 29.2) occur when CE#, WE#, and LB#/ UB# are driven Low. During asynchronous Write operations, the OE# level is a don't care, and WE# will override OE#. The data to be written is latched on the rising edge of CE#, WE#, or LB#/UB# (whichever occurs first). Asynchronous operations (page mode disabled) can either use the ADV input to latch the address, or ADV can be driven Low during the entire Read/Write operation. During asynchronous operation, the CLK input must be held static (High or Low, no transitions). Wait will be driven while the device is enabled and its state should be ignored. Note: ADV must remain Low for page mode operation. Figure 29.1 Read Operation (ADV# Low) Data Valid Address Valid tRC = READ Cycle Time CE# OE# WE# ADDRESS DATA LB#/UB# Don't Care |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |