Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 150 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 150 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 146Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 147Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 148Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 149Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 150Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 151Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 152Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 153Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 154Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 216 page
background image
148
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
28 Functional Description
The CellularRAM bus interface supports both asynchronous and burst mode transfers. Page mode
accesses are also included as a bandwidth-enhancing extension to the asynchronous Read
protocol.
28.1 Power-Up Initialization
CellularRAM products include an on-chip voltage sensor used to launch the power-up initialization
process. Initialization will configure the BCR and the RCR with their default settings (see
Table 31.1 and Table 31.5). VCC and VCCQ must be applied simultaneously. When they reach a sta-
ble level at or above 1.7V, the device will require 150 µs to complete its self-initialization process.
During the initialization period, CE# should remain High. When initialization is complete, the de-
vice is Ready for normal operation.
Figure 28.2 Power-Up Initialization Timing
VCC
VCCQ
tPU > 150 μs
Device Initialization
Device ready for
normal operation
VCC = 1.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com