Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 45 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 41Page - STMicroelectronics VNF9Q20F Datasheet HTML 42Page - STMicroelectronics VNF9Q20F Datasheet HTML 43Page - STMicroelectronics VNF9Q20F Datasheet HTML 44Page - STMicroelectronics VNF9Q20F Datasheet HTML 45Page - STMicroelectronics VNF9Q20F Datasheet HTML 46Page - STMicroelectronics VNF9Q20F Datasheet HTML 47Page - STMicroelectronics VNF9Q20F Datasheet HTML 48Page - STMicroelectronics VNF9Q20F Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 109 page
background image
FSITCRx
Fail-safe and I²t current sense registers
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
R/W
R
R/W
R
Address:
0x15h to 0x18h
Type:
R/W
Reset:
0x0200
Description:
Digital I²t current sense registers
[15:12]
-
[11]
I²t curve behavior when VOUT < 5 V and IOUT = ILIM
0: to count at maximum speed
1: to latch off the channel
[10]
Parallel mode selected for channels 0 and 1 when PARAL is ‘1’
[9]
External Micro Control Unit bit: selects if the user will have a second fail-safe MCU on board (when it is ‘0’) or if the user will
drive the device in fail-safe using the main MCU (when it is ‘1’).
[8]
Associated DIx input description bit 1
[7]
Associated DIx input description bit 0
[6:4]
Nominal current setting for I²t curve
[3:1]
Nominal time setting for I²t curve
[0]
Parity bit
Note:
All the bits of these registers are programmable through OTPs.
VNF9Q20F
SPI functional description
DS13909 - Rev 6
page 45/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com