Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 1 Page - STMicroelectronics

  VNF9Q20F Datasheet HTML 1Page - STMicroelectronics VNF9Q20F Datasheet HTML 2Page - STMicroelectronics VNF9Q20F Datasheet HTML 3Page - STMicroelectronics VNF9Q20F Datasheet HTML 4Page - STMicroelectronics VNF9Q20F Datasheet HTML 5Page - STMicroelectronics VNF9Q20F Datasheet HTML 6Page - STMicroelectronics VNF9Q20F Datasheet HTML 7Page - STMicroelectronics VNF9Q20F Datasheet HTML 8Page - STMicroelectronics VNF9Q20F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
Features
Channel
VCC
RON typ.
ILIMH typ.
0, 1, 2, 3
28 V
21.5 mΩ
34.5 A
•
AEC-Q100 qualified
•
General
–
Quad channel with 24-bit ST-SPI for full diagnostic and digital current
sense feedback
–
Integrated 10-bit ADC for digital current sense
–
Integrated PWM engine with independent phase shift and frequency
generation (for each channel)
–
Programmable Bulb/LED mode for all channels
–
Advanced limp-home functions for robust fail-safe system
–
Very low standby current
–
Optimized electromagnetic emissions
–
Very low electromagnetic susceptibility
–
Control through direct inputs and/or SPI
–
Compliant with European directive 2002/95/EC
–
Capacitive loads charging mode
•
Diagnostic functions
–
Digital proportional load current sense
–
Synchronous diagnostic of overload, short to GND and harness
protection
–
Asynchronous diagnostic of output shorted to VCC and OFF-state open-
load
–
Built In Self-Test for ADC and harness protection
–
Programmable case overtemperature warning
•
Protections
–
Full configurable wire harness protection (STi²Fuse)
–
Load current limitation
–
Self-limiting of fast thermal transients
–
Latch-off or programmable time limited auto restart (power limitation and
overtemperature shutdown)
–
Undervoltage shutdown
–
Overvoltage clamp
–
Load dump protected
–
Protection against loss of ground
Description
The VNF9Q20F is a device made using STMicroelectronics VIPower technology. It is
intended for driving resistive or inductive loads directly connected to the ground.
QFN 6x6 mm
Product status link
VNF9Q20F
Product summary
Order code
VNF9Q20FTR
Package
QFN 6x6
Packing
Tape and reel
4-channel high-side driver with STi²Fuse protection
for automotive power distribution applications
VNF9Q20F
Datasheet
DS13909 - Rev 6 - May 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VNF9Q20F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNF9Q20F STMICROELECTRONICS-VNF9Q20F Datasheet
7Mb / 111P
4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
14-Jul-2025
VNF9Q20FTR STMICROELECTRONICS-VNF9Q20FTR Datasheet
7Mb / 111P
4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
14-Jul-2025
VNF9Q20F STMICROELECTRONICS-VNF9Q20F_V01 Datasheet
7Mb / 111P
4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
14-Jul-2025
More results

Similar Description - VNF9Q20F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
Mar-2005
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
Single channel high side driver for automotive applications
13-Sep-2007
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
Quad channel high side driver for automotive applications
25-Feb-2008
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
Quad channel high side driver for automotive applications
23-Jul-2009
VN5E160ASTR-E STMICROELECTRONICS-VN5E160ASTR-E Datasheet
798Kb / 37P
Single channel high side driver with analog for automotive applications
25-May-2011
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
Quad channel high side driver for automotive applications
23-Jul-2009
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
Single channel high side driver for automotive applications
20-Sep-2013
VN5E160AS-E STMICROELECTRONICS-VN5E160AS-E Datasheet
584Kb / 37P
Single channel high side driver with analog for automotive applications
September 2013 Rev 4
VN5E160ASO-E STMICROELECTRONICS-VN5E160ASO-E Datasheet
739Kb / 37P
Single channel high-side driver with analog for automotive applications
September 2013 Rev. 5
VN5E160MS-E STMICROELECTRONICS-VN5E160MS-E Datasheet
524Kb / 34P
Single-channel high-side driver with analog for automotive applications
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com