Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 65 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 65 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 61Page - STMicroelectronics VNF9Q20F Datasheet HTML 62Page - STMicroelectronics VNF9Q20F Datasheet HTML 63Page - STMicroelectronics VNF9Q20F Datasheet HTML 64Page - STMicroelectronics VNF9Q20F Datasheet HTML 65Page - STMicroelectronics VNF9Q20F Datasheet HTML 66Page - STMicroelectronics VNF9Q20F Datasheet HTML 67Page - STMicroelectronics VNF9Q20F Datasheet HTML 68Page - STMicroelectronics VNF9Q20F Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
Figure 31. One timer step actions
count = n-1
update register
IF (timer = END) then
reset flag
goto Latch_OFF
END
step A
- t -
wait
step A + 1
IF NOT (event) then
reset flag
stop down-counting
ELSE
continue
END
one down counting step
OR
one timer step
6.2
Blanking window values
The range of the configurable blanking window is shown in Table 43.
•
0x0: it configures the channel in Latch-OFF mode in case of event without blanking time. Consequently, the
channel will latch-off upon the first occurrence of power limitation or overtemperature event.
•
0x1 to 0xF: this value represents the time duration; it will be written by MCU in the register (Latch-Off timer
register). During this time, the device is allowed to stay in power-limitation and/or over-temperature state
before latching off if the “event” is still active or present.
The minimum value of the timer, known as Zero, is 0x0F. When the timer reaches this value, the latch-off action
will be triggered.
The following table shows the time values written by the MCU and their real value in the Timer Register.
Table 43. Blanking window values configurations
Bit 7 or bit 3
Bit 6 or bit 2
Bit 5 or bit 1
Bit 4 or bit 0
0xm
0xmF
Typical value of blanking time
0
0
0
0
0x0
0xF
Latch-OFF (ZERO)
0
0
0
1
0x1
0x1F
16 ms
0
0
1
0
0x2
0x2F
32 ms
0
0
1
1
0x3
0x3F
48 ms
...
0x4
0x4F
64 ms
...
...
...
...
1
1
1
0
0xE
0xEF
224 ms
1
1
1
1
0xF
0xFF
240 ms
VNF9Q20F
Programmable blanking window (PBW)
DS13909 - Rev 6
page 65/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com