Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 70 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 70 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 66Page - STMicroelectronics VNF9Q20F Datasheet HTML 67Page - STMicroelectronics VNF9Q20F Datasheet HTML 68Page - STMicroelectronics VNF9Q20F Datasheet HTML 69Page - STMicroelectronics VNF9Q20F Datasheet HTML 70Page - STMicroelectronics VNF9Q20F Datasheet HTML 71Page - STMicroelectronics VNF9Q20F Datasheet HTML 72Page - STMicroelectronics VNF9Q20F Datasheet HTML 73Page - STMicroelectronics VNF9Q20F Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 109 page
background image
9
Safety-related functions
Two built-in self-tests (BIST) have been implemented in VNF9Q20F to automatically check the ADC conversion
and I²t comparators health along the device working life. The two BISTs are contemporarily executed, as soon as
VCC is present (the device leaves the start phase).
9.1
ADC BIST
At each power on reset, the digital part executes the ADC BIST. During the execution of that sequence, current
sense reading is disabled and a multiplexer will pass a low reference current IBIST_MIN for combination <0, 0>, a
medium reference current IBIST_MID for combination <0, 1> and a high reference current IBIST_MAX for
combination <1, 0>.
Table 44. ADC built in self-test
adc_bist <1>
adc_bist <0>
IBIST
Expected analog current
0
0
Low
50 µA
0
1
Mid
200 µA
1
0
High
550 µA
1
1
IVFRAME
Dependent on frame temperature
The ADC conversion results are stored into three distinct R&C registers:
•
Address 0x32h - Digital Current for self-test (Low Level) (ADCLSR)
•
Address 0x33h - Digital Current for self-test (Medium Level) (ADCMSR)
•
Address 0x34h - Digital Current for self-test (High Level) (ADCHSR)
The microcontroller validates the expected conversions in the fail-safe state before activating the channels.
During ADC BIST execution the channels are released and could be switched on, even if no output current
sampling is executed through the ADC.
A R&C command should be sent to these registers to check for any stuck bit.
Configuration <1, 1> (default one) will end the BIST procedure by redirecting the multiplexer output current to the
IVFRAME. It is kept until the next power on reset.
Table 45. ADC BIST conversion results
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IBIST_Low
IBIST low conversion result
ADC BIST at POR;
VCC =13 V;
-12%
81
12%
IBIST_Mid
IBIST mid conversion result
ADC BIST at POR;
VCC =13 V;
-10%
325
10%
IBIST_High
IBIST high conversion result
ADC BIST at POR;
VCC =13 V;
-8%
890
8%
ADC_bistexec
ADC BIST execution time
ADC BIST at POR;
VCC =13 V;
100
μs
I2t_bistexec
I²t BIST execution time (channels off)
60
70
μs
VNF9Q20F
Safety-related functions
DS13909 - Rev 6
page 70/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com