Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 82 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 82 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 78Page - STMicroelectronics VNF9Q20F Datasheet HTML 79Page - STMicroelectronics VNF9Q20F Datasheet HTML 80Page - STMicroelectronics VNF9Q20F Datasheet HTML 81Page - STMicroelectronics VNF9Q20F Datasheet HTML 82Page - STMicroelectronics VNF9Q20F Datasheet HTML 83Page - STMicroelectronics VNF9Q20F Datasheet HTML 84Page - STMicroelectronics VNF9Q20F Datasheet HTML 85Page - STMicroelectronics VNF9Q20F Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
WOFF(2)
Switching losses energy at turn-off
Ch0,1,2,3
RL = 21 Ω; SLOPECRx = 00
0.025 0.05
mJ
1. See Figure 36.
2. Parameter specified by design and evaluated by characterization, not tested in production.
Table 65. LED–Protection and diagnosis
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILIMH_ch0,1,2,3(1)
DC short-circuit current
VCC = 16 V, TJ = -40 °C
-15%
9.2
15%
A
VCC = 16 V, TJ = 150 °C
-15%
7
15%
A
ILIMH_ch0,1,2,3 at 19 V
DC short-circuit current
VCC = 19 V, TJ = -40 °C
-15%
7.4
15%
A
VCC = 19 V, TJ = 150 °C
-15%
5.6
15%
1. ILIMH_ch0,1,2,3,guaranteed between 7 V and 16 V, -40 °C < TJ < 150 °C.
Table 66. LED–Digital current sense (7 V < VCC < 18 V, channel 0–3; TJ = -40 °C to 150 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
KOL
Digital current sense gain: ADCOUT/IOUT
IOUT = 25 mA
-65% 308.5
65%
1/A
KLED
Digital current sense gain: ADCOUT/IOUT
IOUT = 40 mA
-35% 303.6
35%
1/A
K0
Digital current sense gain: ADCOUT/IOUT
IOUT = 0.125 A
-15% 303.6
15%
1/A
K1
Digital current sense gain: ADCOUT/IOUT
IOUT = 0.625 A
-8%
308.2
8%
1/A
K2
Digital current sense gain: ADCOUT/IOUT
IOUT = 1.875 A
-7%
308.2
7%
1/A
IOUT_OFFSET(1)
Output current offset
ISENSE = 000H
-15
15
mA
IOUT_SAT_LED
Output saturation current in LED mode
ISENSE = 3FFH
2.5
A
tON_CS(min)_LED Minimum ON time for digital current sense availability
150
μs
1. Parameter specified by design and evaluated by characterization, not tested in production.
Figure 36. Switching characteristics
CSN
VOUTX
Turn -ON phase
(SOCR Register)
Turn -OFF phase
(SOCR Register)
20%
60%
40%
80%
(dVOUT/dt)ON
(dVOUT/dt)OFF
tdON
tdOFF
tpLH
tpHL
VNF9Q20F
Electrical specifications
DS13909 - Rev 6
page 82/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com