Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 68 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 68 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 64Page - STMicroelectronics VNF9Q20F Datasheet HTML 65Page - STMicroelectronics VNF9Q20F Datasheet HTML 66Page - STMicroelectronics VNF9Q20F Datasheet HTML 67Page - STMicroelectronics VNF9Q20F Datasheet HTML 68Page - STMicroelectronics VNF9Q20F Datasheet HTML 69Page - STMicroelectronics VNF9Q20F Datasheet HTML 70Page - STMicroelectronics VNF9Q20F Datasheet HTML 71Page - STMicroelectronics VNF9Q20F Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 109 page
background image
7
Capacitive charging mode (CCM)
The capacitive charging mode (CCM) is an operative condition, available in both fail-safe and normal device
states, with channels configured in bulb mode. The procedure to enter CCM is described below:
•
Device in fail-safe mode:
–
If MCUext = 1, after 5 consecutive rising edges on DI0 and/or DI1 pins within 240 μs, the
corresponding channels will enter CCM, according to DIx OTP configuration.
–
If MCUext = 0, after 5 consecutive rising edges on DI1 pin within 240 μs, according to OTP mapping,
relevant channels shall enter CCM.
•
Device in normal mode:
–
Set the CAPCRx bit in the SOCR register to enter CCM.
The parameters related to CCM are reported in Table 67.
During CCM, the following behaviors are applied:
•
Harness protection is disabled.
•
Latch-off delay time after TSD (tD_RESTART) is disabled.
The CCM is automatically aborted after tCCM_DIS in both fail-safe and normal states. In normal mode the CCM
can be aborted also through an SPI communication, setting the EXIT_CAPCRx bit in the SOCR register,
whenever within the tCCM_DIS time frame.
The capacitive charging mode charges capacitors with a burst of ICCM pulses, provided that the total impedance
is low enough to reach ICCM when charging the capacitor. If ICCM is not reached, the capacitor is charged with a
single continuous charging pulse.
When a channel is set in capacitive charging mode and the output stage is turned on, an autorestart procedure is
started. If the ESR of the connected capacitor and the total output line impedance is low enough to let the channel
reach its ICCM value, the channel will turn off after the differential thermal threshold of ∆TPLIM_CCM has been
reached and autonomously turned on again after the differential thermal hysteresis goes below
∆TPLIM_CCM_HYST threshold. In this operating mode a smooth capacitor charging with low, moderate RMS
current is enabled allowing to disable the I²t wire harness protection IP in this channel operating mode. Thanks to
the lower values of ∆TPLIM_CCM and ICCM compared to normal operating mode, capacitor charging mode is
compatible with capacitors up to CMAX even in high ambient temperature conditions.
VNF9Q20F
Capacitive charging mode (CCM)
DS13909 - Rev 6
page 68/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com