Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 25 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 21Page - STMicroelectronics VNF9Q20F Datasheet HTML 22Page - STMicroelectronics VNF9Q20F Datasheet HTML 23Page - STMicroelectronics VNF9Q20F Datasheet HTML 24Page - STMicroelectronics VNF9Q20F Datasheet HTML 25Page - STMicroelectronics VNF9Q20F Datasheet HTML 26Page - STMicroelectronics VNF9Q20F Datasheet HTML 27Page - STMicroelectronics VNF9Q20F Datasheet HTML 28Page - STMicroelectronics VNF9Q20F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
Figure 18. SPI read and clear operation
CSN
SDI
SDO
Global Status byte
MSB
LSB
Data byte
MSB
LSB
Command byte
MSB
Address
LSB
1
0
Data byte
MSB
LSB
(16 bits)
(16 bits)
(8 bits)
Read device information
Specific information can be read but not modified during this mode. Accessible data can be seen in Table 26.
Incoming data are sampled on the rising edge of the serial clock (SCK), MSB first. The command byte allows to
determine which information is read whilst the other two data bytes are "don’t care".
Outgoing data are shifted out MSB first on the falling edge of the CSN pin and others on the falling edge of the
serial clock (SCK). The first byte corresponds to the Global Status byte and the second to the content of the
addressed register and the third byte is 0x00.
Note:
ROM is based on the 8-bit registers, then even if 16 bits are returned, only the second byte contains the
addressed ROM register.
Figure 19. SPI read device information
CSN
SDI
SDO
Global Status byte
MSB
LSB
Data byte
MSB
LSB
Command byte
MSB
Address
LSB
1
1
Don’t care
MSB
LSB
(16 bits)
(16 bits)
(8 bits)
4.2.3
Special commands
0xFF - SW Reset: set all control registers to default (ROM access)
An OpCode ‘11’ (read device information) addressed at ‘111111’ forces a Software Reset of the device, second
and third bytes are "don't care" provided that at least one bit is zero.
Note:
An OpCode '11' at address '111111' with data field equal to '1111111111111111' on the SPI frame is recognized as
a frame error and SPIE bit of GSB is set.
Table 21. 0xFF: SW_Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Command
OC1
OC0
Address
1
1
1
1
1
1
1
1
DATA1
X
X
X
X
X
X
X
0
0
0
0
0
0
0
DATA2
X
X
X
X
X
X
X
VNF9Q20F
SPI functional description
DS13909 - Rev 6
page 25/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com