Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 9Page - STMicroelectronics VNF9Q20F Datasheet HTML 10Page - STMicroelectronics VNF9Q20F Datasheet HTML 11Page - STMicroelectronics VNF9Q20F Datasheet HTML 12Page - STMicroelectronics VNF9Q20F Datasheet HTML 13Page - STMicroelectronics VNF9Q20F Datasheet HTML 14Page - STMicroelectronics VNF9Q20F Datasheet HTML 15Page - STMicroelectronics VNF9Q20F Datasheet HTML 16Page - STMicroelectronics VNF9Q20F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
Figure 6. Normal mode, short circuit - Programmable Blanking Window (PBW) < tD_RESTART
OT_FAULT
OTDIFF_DIAG
Iout
OT_DIAG
Latch Off delay→ fixed time window
Power Limitation
ILIMH
TPBW < TLOFF
Channel is latched off due to PBW function
Latch Off
PBW delay → time window related to parameter in CHLOFFTCR register
counter is active
counter is active
3.3
Power limitation (PL)
If the difference between junction temperature and case temperature (ΔT = TJ - TC) rises above the power
limitation threshold ΔTPLIM, a power limitation event is detected.
The corresponding bit in the OUTSRx register - Channel Feedback Status bit (CHFBSR) - is set. The channel is
switched OFF and therefore the power limitation bit (TSD/PL, bit 4) in the Global Status Byte and the Global Error
Flag are set.
In normal mode, each output channel can be either set in latched OFF or time limited auto-restart operation in
case of a power limitation event.
•
In latched off operation: the output remains switched OFF until the difference between junction temperature
and case temperature (ΔT = TJ - TC) decreases below ΔTPLIMR. In order to restart the channel, the MCU
shall reset the latch-off event by refreshing the programmed value in the dedicated register (CHLOFFTCR1
or CHLOFFTCR0). The action will clear the corresponding CHLOFFSR bit in the Output Status Register
OUTSRx and bit 4 (TSD/PL) in the Global Status Byte.
•
In time limited auto-restart: during the programmed time, the output is switched off as described and
switches on again automatically when the difference between junction temperature and case temperature
(ΔT = TJ - TC) decreases below ΔTPLIMR. In order to allow asynchronous diagnostic, the status bit is
latched during OFF-state of the channel and it is automatically cleared when the difference between
junction temperature and case temperature (ΔT = TJ - TC) decreases below ΔTPLIMRS. After the
programmed time has elapsed, the output remains switched OFF and acts as in latch-off mode.
•
In Fail Safe mode the channel works in auto-restart mode.
•
To improve the performances vs load compatibility test, ΔTJ value is set at 80°C for VCC < 17.5 V, whilst it
is set at 55 °C for VCC > 17.5 V.
•
In capacitive charge mode (CCM) ΔTJ value is set at 35°C.
3.4
Overload protection–Output current limitation (ILIMH)
In case of soft overload leading a channel to any output current level (including current limitation) with an output
voltage above the current sense shut down threshold, the programmed I²t curve will be still verified by the
implemented algorithm.
VNF9Q20F
Protections
DS13909 - Rev 6
page 13/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com